Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search

AS7C31024 - AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)

AS7C31024_93284.PDF Datasheet

 
Part No. AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-12 AS7C31024-12JC AS7C31024-12JI AS7C31024-12TC AS7C31024-12TI AS7C31024-12TJC AS7C31024-12TJI AS7C31024-15 AS7C31024-15JC AS7C31024-15JI AS7C31024-15TC AS7C31024-15TI AS7C31024-15TJC AS7C31024-15TJI AS7C31024-20 AS7C31024-20JC AS7C31024-20JI AS7C31024-20TC AS7C31024-20TI AS7C31024-20TJC AS7C31024-20TJI AS7C1024 AS7C1024-10 AS7C1024-10TJC AS7C1024-12 AS7C1024-12JC AS7C1024-12JI AS7C1024-12TC
Description AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount
AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount
5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚
SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32
5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32
High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32
5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32
BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32
AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount
5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)

File Size 104.35K  /  9 Page  

Maker


Alliance Semiconductor, Corp.
Alliance Semiconductor Corporation
ETC



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: AS7C31024-12TJC
Maker: ALLIANCE
Pack: SOJ
Stock: 848
Unit price for :
    50: $0.22
  100: $0.21
1000: $0.20

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-12 AS7C31024-12JC AS7C31024-12JI AS7C31024-12TC AS7 Datasheet PDF Downlaod from Datasheet.HK ]
[AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-12 AS7C31024-12JC AS7C31024-12JI AS7C31024-12TC AS7 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for AS7C31024 ]

[ Price & Availability of AS7C31024 by FindChips.com ]

 Full text search : AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)


 Related Part Number
PART Description Maker
HLMP-0504 HLMP-0300 HLMP-0301 HLMP-0400 HLMP-0401 2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS SINGLE COLOR LED, GREEN, 7.4 mm
High Efficiency Red Rectangular Solid State Lamp
Yellow Rectangular Solid State Lamps
High Efficiency Green Rectangular Solid State Lamps
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS RED
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS YELLOW
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS GREEN
http://
Fairchild Semiconductor, Corp.
Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
D2425F-10 H12D4840D D2440D IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
Crydom Inc.
Crydom, Inc.
CRYDOM CORP
RSSDN-10A RSS Series-Panel Mount Solid State Relays
List of Unclassifed Man...
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器
Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
NEC, Corp.
NEC Corp.
NEC[NEC]
L01XXYEAP L01XXYTRP L0107MT L0109MT L0103DE L0103D New 1 Amp bi-directional solid state switch series offering direct interface
Littelfuse
10LPCV2415 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
Crydom, Inc.
D24110-10 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
Crydom, Inc.
53246 RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
Micropac Industries, Inc.
MICROPAC[Micropac Industries]
 
 Related keyword From Full Text Search System
AS7C31024 ic在线 AS7C31024 precision AS7C31024 prezzo baumer AS7C31024 Test AS7C31024 Driver
AS7C31024 receiver AS7C31024 address AS7C31024 buffer AS7C31024 UNITED CHEMI CON AS7C31024 Speed
 

 

Price & Availability of AS7C31024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38717985153198